|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. general description cbtu04083 is an 8-to-4 differential chan nel multiplexer/demult iplexer switch. the cbtu04083 can switch four differential sign als to one of two locations. using a unique design technique, nxp has minimized the im pedance of the switch such that the attenuation observed through the switch is negligible, and also minimized the channel-to-channel skew as well as channel-to-channel crosstalk, as required by the high-speed serial interface. cbtu04083 allows expansion of existing high speed ports for extremely low power. 2. features and benefits ? 4 differential channel, 2 : 1 multiplexer/de multiplexer ? high-speed signal switching; 8.0 gbit/s ? low intra-pair skew: 10 ps maximum (between positive and negative bits) ? low inter-pair skew: 35 ps maximum ? low crosstalk: ? 30 db at 4 ghz ? low off-state isolation: ? 30 db at 4 ghz ? v dd operating range: 1.8 v 10 % ? esd tolerance: ? 6kv hbm ? 1 kv cdm ? hvqfn42 package 3. applications ? routing of high-speed differential signals with low signal attenuation ? pcie gen3 ? displayport 1.2 ? usb 3.0 ? sata 6 gbit/s cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch rev. 1 ? 16 july 2010 product data sheet
cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 2 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 4. ordering information 5. functional diagram table 1. ordering information type number package name description version CBTU04083BS hvqfn42 plastic thermal enhanced very thin quad flat package; no leads; 42 terminals; body 3.5 9 0.85 mm sot1144-1 fig 1. functional diagram of cbtu04083 002aae64 2 a0_p a0_n a1_p a1_n b0_p b0_n b1_p b1_n c0_p c0_n c1_p c1_n a2_p a2_n a3_p a3_n b2_p b2_n b3_p b3_n c2_p c2_n c3_p c3_n sel cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 3 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 6. pinning information 6.1 pinning 6.2 pin description fig 2. pin configuration for hvqfn42 002aaf59 2 22 17 23 16 24 15 25 14 39 40 41 42 21 20 19 18 26 13 27 12 28 11 29 CBTU04083BS transparent top view 10 30 9 31 8 32 7 33 6 34 5 35 4 36 3 37 2 38 1 gnd (exposed thermal pad) gnd a0_p a0_n gnd v dd a1_p a1_n v dd sel gnd a2_p a2_n v dd gnd a3_p a3_n gnd v dd gnd v dd gnd b0_p b0_n b1_p b1_n c0_p c0_n c1_p c1_n v dd b2_p b2_n b3_p b3_n c2_p c2_n c3_p c3_n v dd gnd v dd gnd table 2. pin description symbol pin type description a0_p 2 i/o channel 0, port a differential signal input/output a0_n 3 i/o a1_p 6 i/o channel 1, port a differential signal input/output a1_n 7 i/o a2_p 11 i/o channel 2, port a differential signal input/output a2_n 12 i/o a3_p 15 i/o channel 3, port a differential signal input/output a3_n 16 i/o b0_p 38 i/o channel 0, port b differential signal input/output b0_n 37 i/o b1_p 36 i/o channel 1, port b differential signal input/output b1_n 35 i/o cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 4 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 7. functional description refer to figure 1 ? functional diagram of cbtu04083 ? . 7.1 function selection b2_p 29 i/o channel 2, port b differential signal input/output b2_n 28 i/o b3_p 27 i/o channel 3, port b differential signal input/output b3_n 26 i/o c0_p 34 i/o channel 0, port c differential signal input/output c0_n 33 i/o c1_p 32 i/o channel 1, port c differential signal input/output c1_n 31 i/o c2_p 25 i/o channel 2, port c differential signal input/output c2_n 24 i/o c3_p 23 i/o channel 3, port c differential signal input/output c3_n 22 i/o sel 9 cmos single-ended input operation mode select sel = low: a b sel = high: a c v dd 5, 8, 13, 18, 20, 30, 40, 42 power positive supply voltage, 1.8 v to 2.0 v ( 0.1 v) gnd 1, 4, 10, 14, 17, 19, 21, 39, 41, center pad power supply ground table 2. pin description ?continued symbol pin type description table 3. function selection sel function low an to bn high an to cn cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 5 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 8. limiting values [1] human body model: ansi/eos/esd-s5.1-1994, standard for esd sensitivity testing, human body model - component level; electrostatic disc harge association, rome, ny, usa. [2] charged device model: ansi/eos/esd-s5.3-1-1999, stand ard for esd sensitivity testing, charged device model - component level; electrostatic discharge association, rome, ny, usa. 9. recommended operating conditions 10. static characteristics [1] typical values are at v dd = 1.8 v, t amb =25 c, and maximum loading. [2] input leakage current is 50 a if differential pairs are pulled to high and low. table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v dd supply voltage ? 0.5 +2.5 v t case case temperature ? 40 +85 c v esd electrostatic discharge voltage hbm [1] - 6000 v cdm [2] - 1000 v table 5. recommended operating conditions symbol parameter conditions min typ max unit v dd supply voltage 1.62 1.8 1.98 v v i input voltage ? 0.5 - v dd v t amb ambient temperature oper ating in free air ? 40 - +85 c table 6. static characteristics v dd = 1.8 v 10 %; t amb = ? 40 c to +85 c; unless otherwise specified. symbol parameter conditions min typ [1] max unit i dd supply current v dd = max.; v i =gndorv dd --4ma i ih high-level input current v dd = max.; v i =v dd -- 5 [2] a i il low-level input current v dd = max.; v i =gnd - - 5 [2] a v ih high-level input voltage sel pin 0.65v dd --v v il low-level input voltage sel pin ? 0.5 - 0.15v dd v v ik input clamping voltage v dd = max.; i i = ? 18 ma - ? 0.7 ? 1.2 v cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 6 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 11. dynamic characteristics [1] typical values are at v dd = 1.8 v; t amb =25 c, and maximum loading. table 7. dynamic characteristics v dd =1.8v 10 %; t amb = ? 40 c to +85 c; unless otherwise specified. symbol parameter conditions min typ [1] max unit ct crosstalk attenuation f = 4 ghz - ? 30 - db f=100mhz - ? 70 - db iso(off) off-state isolation f = 4 ghz - ? 30 - db f=100mhz - ? 60 - db ddil differential insertion loss f = 4 ghz - ? 2.8 - db f=100mhz - ? 0.5 - db b ? 3db ? 3 db bandwidth - 4.3 - ghz t pd propagation delay from left-side port to right-side port, or vice versa -80-ps switching characteristics t pzh off-state to high propagation delay - - 8.0 ns t pzl off-state to low propagation delay - - 8.0 ns t phz high to off-state propagation delay - - 8.0 ns t plz low to off-state propagation delay - - 8.0 ns t sk(dif) differential skew time intra-pair - - 10 ps t sk skew time inter-pair - - 35 ps output 1 is for an output with internal conditions such that the output is low except when disabled by the output control. output 2 is for an output with internal conditions such that the output is high except when disabled by the output control. the outputs are measured one at a time with one transition per measurement. fig 3. voltage waveforms for enable and disable times 002aae65 4 v dd t plz 0.5v dd 0.5v dd sel output 1 0.5v dd t pzl v ol 0 v v ol + 0.15 v v oh 0.5v dd v oh ? 0.15 v output 2 t pzh t phz v ol v oh cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 7 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 12. test information c l = load capacitance; includes jig and probe capacitance. r t = termination resistance; should be equal to z o of the pulse generator. all input pulses are supplied by generators hav ing the following characteristics: prr mhz; z o =50 ; t r 2.5 ns; t f 2.5 ns. fig 4. test circuitry for switching times fig 5. test circuit table 8. test data test load switch c l r l t plz , t pzl (output on b side) 50 pf 200 2 v dd t phz , t pzh (output on b side) 50 pf 200 gnd t pd 50 pf 200 open pulse generator v o c l 50 pf r l 200 002aae65 3 r t v i v dd dut r l 200 2 v dd open gnd 002aae65 5 4-port, 20 ghz network analyzer port 1 port 4 dut port 2 port 3 cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 8 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 13. package outline fig 6. package outline sot1144-1 (hvqfn42) references outline version european projection issue date iec jedec jeita sot1144-1 - - - - - - - - - sot1144-1_po 09-08-26 09-08-28 unit (1) mm max nom min 1.00 0.85 0.80 0.05 0.02 0.00 0.2 3.6 3.5 3.4 2.30 2.05 1.90 9.1 9.0 8.9 0.5 1.5 0.5 0.4 0.3 0.1 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. h vqfn42: plastic thermal enhanced very thin quad flat package; no leads; 4 2 terminals; body 3.5 x 9 x 0.85 mm sot1144- 1 a 1 b 0.30 0.25 0.20 cdd h ee h 7.70 7.55 7.40 ee 1 e 2 8.0 lv 0.1 w 0.05 y 0.05 y 1 0 2.5 5 mm scale terminal 1 index area b a d e c y c y 1 x detail x c a 1 a terminal 1 index area b e 2 e 1 e e 1/2 e a c b v c w l e h d h 42 39 38 22 21 18 17 1 cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 9 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 14. soldering of smd packages this text provides a very brief insight into a complex technology. a more in-depth account of soldering ics can be found in application note an10365 ?surface mount reflow soldering description? . 14.1 introduction to soldering soldering is one of the most common methods through which packages are attached to printed circuit boards (pcbs), to form electr ical circuits. the soldered joint provides both the mechanical and the electrical connection. th ere is no single sold ering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mount devices (smds) are mixed on one printed wiring board; however, it is not suitable for fine pitch smds. reflow soldering is ideal for the small pitches and high densities that come with increased miniaturization. 14.2 wave and reflow soldering wave soldering is a joining technology in which the joints are made by solder coming from a standing wave of liquid solder. the wave soldering process is suitable for the following: ? through-hole components ? leaded or leadless smds, which are glued to the surface of the printed circuit board not all smds can be wave soldered. packages with solder balls, and some leadless packages which have solder lands underneath the body, cannot be wave soldered. also, leaded smds with leads having a pitch smaller than ~0.6 mm cannot be wave soldered, due to an increased pr obability of bridging. the reflow soldering process involves applying solder paste to a board, followed by component placement and exposure to a temperature profile. leaded packages, packages with solder balls, and leadless packages are all reflow solderable. key characteristics in both wave and reflow soldering are: ? board specifications, in cluding the board finish , solder masks and vias ? package footprints, including solder thieves and orientation ? the moisture sensitivit y level of the packages ? package placement ? inspection and repair ? lead-free soldering versus snpb soldering 14.3 wave soldering key characteristics in wave soldering are: ? process issues, such as application of adhe sive and flux, clinching of leads, board transport, the solder wave parameters, and the time during which components are exposed to the wave ? solder bath specifications, including temperature and impurities cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 10 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 14.4 reflow soldering key characteristics in reflow soldering are: ? lead-free versus snpb solderi ng; note that a lead-free reflow process usually leads to higher minimum peak temperatures (see figure 7 ) than a snpb process, thus reducing the process window ? solder paste printing issues including smearing, release, and adjusting the process window for a mix of large and small components on one board ? reflow temperature profile; this profile includ es preheat, reflow (in which the board is heated to the peak temperature) and coolin g down. it is imperative that the peak temperature is high enough for the solder to make reliable solder joints (a solder paste characteristic). in addition, the peak temperature must be low enough that the packages and/or boards are not damaged. the peak temperature of the package depends on package thickness and volume and is classified in accordance with ta b l e 9 and 10 moisture sensitivity precautions, as indicat ed on the packing, must be respected at all times. studies have shown that small packages reach higher temperatures during reflow soldering, see figure 7 . table 9. snpb eutectic process (from j-std-020c) package thickness (mm) package reflow temperature ( c) volume (mm 3 ) < 350 350 < 2.5 235 220 2.5 220 220 table 10. lead-free process (from j-std-020c) package thickness (mm) package reflow temperature ( c) volume (mm 3 ) < 350 350 to 2000 > 2000 < 1.6 260 260 260 1.6 to 2.5 260 250 245 > 2.5 250 245 245 cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 11 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch for further information on temperature profiles, refer to application note an10365 ?surface mount reflow soldering description? . 15. abbreviations 16. revision history msl: moisture sensitivity level fig 7. temperature profiles for large and small components 001aac84 4 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = msl limit, damage level peak temperature table 11. abbreviations acronym description cdm charged-device model dut device under test esd electrostatic discharge hbm human body model i/o input/output lvds low-voltage differential signalling pci peripheral component interconnect pcie pci express prr pulse repetition rate sata serial advanced technology attachment usb universal serial bus table 12. revision history document id release date data sheet status change notice supersedes cbtu04083 v.1 20100716 product data sheet - - cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 12 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch 17. legal information 17.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 17.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 17.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification. cbtu04083 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 16 july 2010 13 of 14 nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 17.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 18. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com nxp semiconductors cbtu04083 1.8 v, wide bandwidth, 4 differential channel, 2 : 1 mux/demux switch ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 16 july 2010 document identifier: cbtu04083 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 4 7.1 function selection. . . . . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 12 test information . . . . . . . . . . . . . . . . . . . . . . . . . 7 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 14 soldering of smd packages . . . . . . . . . . . . . . . 9 14.1 introduction to soldering . . . . . . . . . . . . . . . . . . 9 14.2 wave and reflow soldering . . . . . . . . . . . . . . . . 9 14.3 wave soldering . . . . . . . . . . . . . . . . . . . . . . . . . 9 14.4 reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 10 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 11 16 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 17 legal information. . . . . . . . . . . . . . . . . . . . . . . 12 17.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 17.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 17.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 17.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 13 18 contact information. . . . . . . . . . . . . . . . . . . . . 13 19 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 |
Price & Availability of CBTU04083BS |